Part Number Hot Search : 
4AC24 SXX18 TDA1013B F130410 TSE02B TC5020 CD6281CA F55976
Product Description
Full Text Search
 

To Download DNT24C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page1of7 ? 2011-2012 by rf monolithics, inc. dnt24 - 08/01/12 DNT24C dnt24p rating value units power supply input -0.5 to +6.5 v all input/output pins -0.5 to +3.3 v input power to rfio port 0 dbm non-operating ambient temperature range -40 to +85 o c dnt24 absolute maximum ratings dnt24 electrical characteristics characteristic sym notes minimum typical maximum units operating frequency range 2406 2475 mhz hop duration 1 8 100 ms number of rf channels 1 15 or 24 modulation fsk rf data transmission rate 250 kbps receiver sensitivity @ 10 -5 ber -100 dbm transmitter rf output power 1 10 or 63 mw mw optimum antenna impedance 50 rf connection u.fl coaxial connector system topologies point-to-point, point-to-multipoint, peer-to-peer and store & forward access scheme ad hoc tdma low cost 2.4 ghz fhss transceiver module with i/o the dnt24 series fhss transceiver modules provide a low-cost, versatile solution for wire - less data communications in the 2.4 ghz ism band. the dnt24 rf output power can be set at 10 or 63 mw. the dnt24 module includes analog, digital and serial i/o, providing the flexi - bility to serve applications ranging from cable replacements to sensor networks. the dnt24 transceiver module is easy to integrate and provides reliable wireless communications up to 5 miles in line-of-sight installations. 2.4 ghz frequency hopping spread spectrum transceiver point-to-point, point-to-multipoint, peer-to-peer and store & forward capabilities transmitter rf power configurable - 10 or 63 mw transmitter eirp 15.8 mw or 100 mw with 2 dbi antenna 250 kbps rf data rate serial port data rate up to 250 kbps, spi port data rate up to 500 kbps 128-bit aes encryption separate serial port for diagnostics analog and digital i/o for sensor applications fcc, canadian ic and etsi certified for unlicensed operation
notes: 1. the dnt24 achieves regulatory certification under fhss rules. 2. maximum sleep current occurs at +85 o c. www.rfm.com e-mail: info@rfm.com page2of7 ? 2011-2012 by rf monolithics, inc. dnt24 - 08/01/12 characteristic sym notes minimum typical maximum units adc input range 0 2.7 v adc input resolution 12 bits adc sample rate 100 hz signal source impedance for adc reading 10 k adc external reference voltage range 1.0 2.7 v dac output range 0 3.3 v dac output resolution 12 bits primary and diagnostic serial port baud rates 1.2, 2.4, 4.8, 9.6, 14.4, 19.2, 28.8, 38.4, 57.6, 115.2, 230.4, 250.0 kbps serial peripheral interface data rate 125 500 kbps digital i/o: logic low input level -0.5 0.8 v logic high input level 2.45 3.3 v logic input internal pull-up resistor 20 k power supply voltage range v cc +3.3 +5.5 vdc power supply voltage ripple 10 mv p-p peak transmit mode current, 63 mw output 140 ma average operating receive current: base and remote continuous data stream 55 ma remote, linked, no data transmission 15 ma sleep current 2 3 6 a DNT24C mounting reflow soldering dnt24p mounting socket operating temperature range -40 85 o c operating relative humidity range, non-condensing 10 90 % dnt24 electrical characteristics caution: electrostatic sensitive device. observe precautions when handling.
dnt24 hardware the major components of the dnt24 include a 2.4 ghz fhss transceiver and a low current 8-bit microcontroller. the dnt24 operates in the 2.4 ghz ism band. there are 12 selectable hopping patterns providing compatibility with frequency allocations in most regions of the world. the dnt24 also has two selectable rf output power levels: 10 mw and 63 mw. the dnt24 provides a variety of hardware interfaces. there are two serial ports plus one spi port. either the primary serial port or the spi port can be selected for data communications. the second serial port is dedi - cated to diagnostics. the primary and diagnostic serial ports support most standard baud rates up to 250.0 kbps. the spi port supports data rates up to 500 kbps. the dnt24 also includes three adc inputs, two dac outputs, and six general-purpose digital i/o ports. four of the digital i/o ports support an optional interrupt-from-sleep mode when configured as inputs. the radio is available in two mounting configurations. the DNT24C is designed for solder reflow mounting. the dnt24p is designed for plug-in connector mount- ing. dnt24 firmware dnt24 firmware operates using hybrid ad hoc tdma channel access optimized for periodic burst transmis - sions. dnt24 firmware operates ?out of the box? using point-to-point transparent serial mode, with point-to- multipoint, peer-to-peer and store & forward system topologies also supported. dnt24 firmware provides the user with a rich set of configuration options including a choice of hopping patterns, hopping dwell times, serial and/or spi data port operation, serial and spi data rate selection, rf output power selection, plus configurable analog and digital i/o lines. data integrity is protected by 24-bit error detection, with optional ack and automatic transmission retries or redundant transmissions. 128-bit aes encryption provides a high level of data security for sensitive applications. sensor networks can take advantage of timer or event-based data reporting and remote node sleep cycling for extended battery life. www.rfm.com e-mail: info@rfm.com page3of7 ? 2011-2012 by rf monolithics, inc. dnt24 - 08/01/12                
   
            
   
                             
   !  " #    $ % # " &  ' (    $ % # " & ! ' ( "  % )  ! # % ) &  ' ! # % ) & ! ' "  % )
 $  * ) +  &   + ( "  % )  $  * ) +  & !  + ( #   "  % )  "  % )  "  % )   $ # , ( #   ,   " "  ! - + -  #    % + )  ) + %  + + +  . /  0  , & ) 1  #  & - '  & ! - 2 #   3  0   ,       " " ! + ,  0
 " * 4     5   6  % ! 7  % ! 7    . / #  #  . . & . )  / +  / + % + )  + + & #  #  + + &  ) 2 % " ! + , ! + , ! 2 % )   !   !  8 !  ! - 2     ! 2 % ) figure 1
pin name i/o description 1 gnd - power supply and signal ground. connect to the host circuit board ground. 2 act (diag_tx) o (o) this pin?s default configuration is data activity output. on a base, this signal blinks when a valid packet is received. on a remote, this signal blinks when a packet is transmitted. on a router, this signal blinks when a valid upstream packet is received or a downstream packet is transmitted. alternate pin function is the di - agnostic serial port output. 3 /dcd (diag_rx) o (i) this pin?s default configuration is data carrier detect output. on a base, this signal is asserted when any valid packet is received, and is cleared if no packets are heard for the configured router/remote registra - tion time-out interval. on a router or remote, this signal is asserted when the radio obtains hopping pattern synchronization, and remains asserted until no beacons are heard for 50 hops. alternate pin function is the diagnostic serial port input. 4 gpio0 i/o configurable digital i/o port 0. when configured as an input, an internal pull-up resistor can be selected and direct interrupt from sleep can be invoked. when configured as an output, the power-on state is configurable. in sleep mode the pin direction, input pull-up selection or output state are also separately configurable. 5 radio_txd o serial data output from the radio. 6 radio_rxd i serial data input to the radio. 7 gpoi4 (/host_cts) i/o (o) default pin function is gpio4 with the same configuration options as gpio0. alternate pin function is uart/spi flow control output. the module sets this line low when it is ready to accept data from the host on the radio_rxd or mosi input. when the line goes high, the host must stop sending data. 8 gpoi5 ( /host_rts) i/o (i) default pin function is gpio5 with the same configuration options as gpio0. alternate pin function is uart/spi flow control input. the host sets this line low to allow data to flow from the module on the radio_txd pin. when the host sets this line high, the module will stop sending data to the host. 9 dac0 o 12-bit dac 0 output. full scale output can be referenced to the voltage at pin 25 or the 3.3 v regulated module bus voltage. 10 gpio2 i/o configurable digital i/o port 2. same configuration options as gpio0. 11 gpio1 i/o configurable digital i/o port 1. same configuration options as gpio0. 12 gpio3 (dav) i/o (o) default pin function is gpio3 with the same configur ation options as gpio0. when spi slave mode oper- ation is enabled, a logic high on this pin indicates when data is available to be clocked out by the spi master. 13 dac1 o 12-bit dac 1 output. same specifications and configuration options as dac0. 14 vcc i power supply input, +3.3 to +5.5 vdc. 15 gnd - power supply and signal ground. connect to the host circuit board ground. 16 gnd - power supply and signal ground. connect to the host circuit board ground. 17 /reset i active low module hardware reset. 18 adc0 i adc input 0. this pin is a direct adc input when the adc is operating in single-ended mode, or the differ - ential negative input for positive inputs applied to adc1 or adc2 when the adc is operating in differential mode. full-scale reading can be referenced to pin 25 for ratiometric measurements. for absolute mea - surements, the adc can use either the regulated supply voltage divided by 1.6 (about 2.06 v), or an ex - ternal voltage applied to pin 25. in single-ended mode, adc measurements are 11-bit unsigned values with full scale nominally 2.7 v when referenced to a 2.7 v input on pin 27. in differential mode, adc mea - surements are 12-bit signed values. 19 adc1 i adc input 1. direct input when the adc is operating in single-ended mode, positive differential input rela - tive to adc0 when the adc is operating in differential mode. 20 miso i/o this pin is the spi master mode input or slave mode output. 21 mosi i/o this pin is the spi master mode output or slave mode input. 22 /ss i/o spi active low slave select. this pin is an output when the module is operating as a master, and an input when it is operating as a slave. www.rfm.com e-mail: info@rfm.com page4of7 ? 2011-2012 by rf monolithics, inc. dnt24 - 08/01/12 dnt24 i/o descriptions
pin name i/o description 23 sclk i/o spi clock signal. this pin is an output when operating as a master, and an input when operating as a slave. 24 adc2 i adc input 2. direct input when the adc is operating in single-ended mode, positive differential input rela - tive to adc0 when the adc is operating in differential mode. 25 adc_ext_ ref i/o adc external reference voltage pin. the voltage at this pin can be used by the adcs as a reference for ratiometric measurements. with no external voltage or load applied, this pin presents a nominal 2.7 v out - put through a 2.126 k source resistance. a low impedance external reference voltage in the range of 1 to 2.7 v may be applied to this pin as an option. 26 rsvd - reserved pin. leave unconnected. 27 rsvd - reserved pin. leave unconnected. 28 gnd - connect to the host circuit board ground plane. 29 rsvd - reserved pin. leave unconnected. 30 gnd - connect to the host circuit board ground plane. dnt24 antenna connector a u.fl miniature coaxial connector is provided on both dnt24 configurations for connection to the rfio port. a short u.fl coaxial cable can be used to connect the rfio port directly to an antenna. in this case the antenna should be mounted firmly to avoid stressing the u.fl coaxial cable due to antenna mounting flexure. alternately, a u.fl coaxial jumper cable can be used to connect the dnt24 module to a u.fl connector on the host circuit board. the connection between the host circuit board u.fl connector and the antenna or antenna connector on the host circuit board should be implemented as a 50 ohm stripline. referring to figure 2, the width of this stripline depends on the thickness of the circuit board between the stripline and the groundplane. for fr-4 type circuit board materials (dielectric constant of 4.7), the width of the stripline is equal to 1.75 times the thickness of the cir - cuit board. note that other circuit board traces should be spaced away from the stripline to prevent signal cou - pling, as shown in figure 3. the stripline trace should be kept short to minimize its insertion loss. www.rfm.com e-mail: info@rfm.com page5of7 ? 2011-2012 by rf monolithics, inc. dnt24 - 08/01/12   9 9  "   :  ;       9 9  +    9        2 ! <
               :        ;  +    9              2       =     9 ;     8  >   0   ?  * figure 2 trace separation from 50 ohm microstrip length of trace run parallel to microstrip 100 mil 125 mil 150 mil 200 mil 200 mil 290 mil 250 mil 450 mil 300 mil 650 mil figure 3
www.rfm.com e-mail: info@rfm.com page6of7 ? 2011-2012 by rf monolithics, inc. dnt24 - 08/01/12  0   $   0   (    0    $ 
0   (  
  ) :        ;    :          5    5  0    $  0   (    9  ,  @  0   $  0   (        5    5        = 5  $   (  0
  $   0
 (  0    $  0   ( figure 4  0   $  0  (  0    $   0   (   0    $ 
0   (  
  +   ;     ;     5    5  0    $  0   (    9  ,  @        5    5        = 5  $   (  0    $  0   (   0 
 $  0
 ( figure 5
www.rfm.com e-mail: info@rfm.com page7of7 ? 2011-2012 by rf monolithics, inc. dnt24 - 08/01/12  0    $ 
0  (  0   $  0   (  0    $   0  (  0    $  0
(  0    $   0  (  
  %    a                .  b  :               5     + #   -  + .  <   <   < " < +    - c :  6        5    5           = 5  $   ( figure 7  0   $  0  (  0   $   0   (   0    $   0 
(  
  ) :        ;    :          5    5  0    $  0   (    9  ,  @  0   $  0   (        5    5        = 5  $   (  0
  $   0
 (  0   $ 0   (  0    $ 
0   (  0    $  0   ( figure 6
dnt24 antenna options: for fixed or portable operation (> 20 cm from body): rfm omni249 omnidirectional dipole antenna, 9 dbi, 50 ohms rfm pa2400 patch antenna, 6 dbi, 50 ohms antenna types not included in the above list, having a gain greater than the maximum gain indicated for that type, are strictly prohibited for use with this device. for mobile operation (< 20 cm from body): limited to the use of antennas of gain 3.47dbi or less. antennas having a gain greater than the maximum gain indicated are strictly prohibited for use with this device. www.rfm.com e-mail: info@rfm.com page8of7 ? 2011-2012 by rf monolithics, inc. dnt24 - 08/01/12 note: specifications subject to change without notice. part # m-0024-0000 rev d


▲Up To Search▲   

 
Price & Availability of DNT24C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X